Part Number Hot Search : 
74LS122 GT5G102 01JAT DEVIC LA9703W DEVIC DEVIC DEVIC
Product Description
Full Text Search
 

To Download 440SD071NF10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 440-071 EMI/RFI Dual Banding Adapter
Direct Coupling - Split Shell
440 F D 071 NF 16 12 K P
440
A-B -C-D-E-F G-H-J-K-L-S
* Conn. Desig. B See Note 2
CONNECTOR DESIGNATORS *
Product Series Connector Designator Angle and Profile D = Split 90 F = Split 45 Basic Part No.
Polysulfide (Omit for none) B = 2 Bands K = 2 Precoiled Bands (Omit for none) Cable Entry (Table V) Shell Size (Table I) Finish (Table II)
DIRECT COUPLING
A Thread (Table I) J E
J
G
(Table III) (Table IVI)
(Table III) (Table IV)
B Typ. (Table I)
F (Table IV)
Split 45
Termination Areas Free of Cadmium. Knurl or Ridges Mfr's Option
Split 90
H (Table IV)
.380 (9.7) Typ.
M* N* P* * (Table V)
.060 (1.5) Typ.
Polysulfide Stripes P Option
Band Option (K Option Shown See Note 4)
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 440 - Page 36
Direct Coupling - Split Shell
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
TABLE III: FRONT ADAPTER J Max - Conn. Designator A-E-F D-B-G-K J-H-L-S C 1.180 (30.0) 1.250 (31.8) 1.180 (30.0) 1.250 (31.8) 1.180 (30.0) 1.250 (31.8) 1.735 (44.1) 1.180 (30.0) 1.250 (31.8) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.380 (35.0) 1.560 (39.6) 1.915 (48.6) 1.610 (40.9) 1.560 (39.6) 1.915 (48.6) 1.610 (40.9) 1.750 (44.5) 1.915 (48.6) 1.610 (40.9) 1.750 (44.5) 1.915 (48.6) 1.610 (40.9) 2.190 (55.6) 1.915 (48.6) TABLE IV: ELBOW DIMENSIONS E F G Elbow Max Max Max Size 02 .440 (11.2) 1.940 (49.3) .680 (17.3) 03 .440 (11.2) 1.940 (49.3) .680 (17.3) 04 .440 (11.2) 1.940 (49.3) .680 (17.3) 05 .500 (12.7) 2.000 (50.8) .750 (19.1) 06 .500 (12.7) 2.000 (50.8) .750 (19.1) 07 .560 (14.2) 2.070 (52.6) .810 (20.6) 08 .560 (14.2) 2.070 (52.6) .810 (20.6) 09 .620 (15.7) 2.100 (53.3) .870 (22.1) 10 .680 (17.3) 2.200 (55.9) .930 (23.6) 11 .680 (17.3) 2.200 (55.9) .930 (23.6) 12 .750 (19.1) 2.260 (57.4) 1.000 (25.4) 13 .820 (20.8) 2.320 (58.9) 1.060 (26.9) 14 .820 (20.8) 2.320 (58.9) 1.060 (26.9) 15 .880 (22.4) 2.380 (60.5) 1.120 (28.4) 16 .880 (22.4) 2.380 (60.5) 1.120 (28.4)
Shell Size 08/09 10/11 12/13 14/15 16/17 18/19 20/21 22/23 24/25 28/29 32/33 36 40
H Max 1.880 (47.8) 1.880 (47.8) 1.880 (47.8) 1.940 (49.3) 1.940 (49.3) 2.010 (51.1) 2.010 (51.1) 2.040 (51.8) 2.140 (54.4) 2.140 (54.4) 2.200 (55.9) 2.260 (57.4) 2.260 (57.4) 2.320 (58.9) 2.320 (58.9)
Dash No. 02 03 04 05 06 07 08 09 10 11 12 13 14 15 16 17 18 20 22 24
TABLE V: CABLE ENTRY P M N Dia Dia Dia .312 (7.9) .125 (3.2) .250 (6.4) .375 (9.5) .188 (4.8) .312 (7.9) .438 (11.1) .250 (6.4) .375 (9.5) .500 (12.7) .312 (7.9) .438 (11.1) .562 (14.3) .375 (9.5) .500 (12.7) .625 (15.9) .438 (11.1) .562 (14.3) .688 (17.5) .500 (12.7) .625 (15.9) .750 (19.1) .562 (14.3) .688 (17.5) .812 (20.6) .625 (15.9) .750 (19.1) .875 (22.2) .688 (17.5) .812 (20.6) .938 (23.8) .750 (19.1) .875 (22.2) .812 (20.6) .938 (23.8) 1.000 (25.4) .875 (22.2) 1.000 (25.4) 1.062 (27.0) .938 (23.8) 1.062 (27.0) 1.125 (28.6) 1.000 (25.4) 1.125 (28.6) 1.188 (30.2) 1.062 (27.0) 1.188 (30.2) 1.250 (31.8) 1.125 (28.6) 1.250 (31.8) 1.312 (33.3) 1.250 (31.8) 1.375 (34.9) 1.438 (36.5) 1.375 (34.9) 1.500 (38.1) 1.562 (39.7) 1.500 (38.1) 1.625 (41.3) 1.688 (42.9)
1. Metric dimensions (mm) are indicated in parentheses. 2. When using Connector Designator B refer to pages 18 and 19 for part number development. 3. Backshells supplied with 600-052-* band, see Glenair Series 600 Tool Catalog for installation.
(c) 2005 Glenair, Inc.
CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com Series 440 - Page 37
440
440-071 EMI/RFI Dual Banding Adapter


▲Up To Search▲   

 
Price & Availability of 440SD071NF10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X